Part Number Hot Search : 
03TBBW1 YCN16 HA45606 618192 IRFC1404 R61H106 S15DYD2 DIFFUSED
Product Description
Full Text Search
 

To Download SSSU022800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Slide Switch
8.5(H)mm, 3mm-travel Type
SSSU Series
Large-size general purpose type with various knobs.
Typical Specifications
Items Rating max. min. Resistive load Contact resistance Initial performance/After lifetime Operating force Without load Operating life With load
10,000cycles 0.1A 30V DC
Detector Specifications Push
0.1A 30V DC/50BA 3V DC 25m max./65m max.
Slide Rotary Encoders Power Dual-in-line Package Type
Refer to the dimensions. 10,000cycles
Product Line
Travel Actuator mm direction Actuator length mm
6 2 9 1 6 3 9 6 Vertical 9 2 6 3 3 9 6 4 9 2 3,500 1 6 Horizontal 2 2 9 3 2,000 SSSU124900 9 3,500 SSSU122200 3 2,500 SSSU113200 SSSU121700 8 7 SSSU042100 SSSU111400 6 Snap-in t1.6 Non shorting Manual, Dip SSSU025800 4 SSSU026300 2,500 SSSU041700 5 2 2,000 SSSU022800 2,500 SSSU015100 SSSU022400 3 SSSU014800 2 2,000 SSSU012200
Poles Positions
Mounting Changeover Minimum order Soldering method timing unit pcs.
Products No.
SSSU011700
Drawing No.
1
TACT SwitchTM CustomProducts
Small size General Use type Big size General Use type Other Use type
Notes
1. Products other than those listed in the above chart are also available. Please contact us for details. 2. Please contact us for automotive use. 3. Please place purchase orders per minimum order unit(integer).
139
Slide Switch
8.5(H)mm, 3mm-travel Type
SSSU Series
Dimensions
Vertical Actuator Type No. Detector Push Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
PC board mounting face
Unit:mm
Style PC board mounting hole dimensions Viewed from the direction A
1-pole, 2-positions
Travel 3 R 7 19.3 33
2.7 8.5
1.5 3 1.6
1.5 1.25 3-o0.7 holes
1
PC board mounting face Terminal No.1
0.5 33 19.5
0.35 1.25
A Operating force with detent : 2N
1-pole, 3-positions
abc 33
Travel
R
7
2.7 8.5
0.5 3 333
1.25 5-o0.7 holes
Terminal No.1
25.5
A Operating force with detent : a J b }1.5N c Jb bJa }2N bJc
2-poles, 2-positions
3
Travel 7 R
Small size General Use type Big size General Use type Other Use type
1.6
0.35
2.7 8.5
1.5 3 1.6
19.3 33
1.5 2.5
3
PC board mounting face
0.5 33
0.35 2.5
6-o0.7 holes
Terminal No.1
19.5 A
Operating force with detent : 2N
2-poles, 3-positions
ab c 33
Travel R
7
2.7 8.5
1.5 3 0.35 2.5 1.6
25.3 3333
1.5 2.5
4
PC board mounting face Terminal No.1
0.5 3333 25.5 A
10-o0.7 holes
Operating force with detent :
a J b }1.5N cJb
b J a } 2N bJc
4-poles, 2-positions
3 Travel R 7
2.7 8.5
1.5 3 1.6
22.3 33333
1.5 2.5
5
PC board mounting face Terminal No.1
0.5 33333 22.5
0.35 2.5
12-o0.7 holes
A Operating force with detent : 2N
140
1.25
2
3
1.5
25.3 3333
1.5
Slide Switch
8.5(H)mm, 3mm-travel Type
SSSU Series
Dimensions
Horizontal Actuator Type No. 1-pole, 2-positions
R R-1
Unit:mm
Style PC board mounting hole dimensions Viewed from the direction A Detector
7
Push
1.5 19.3 33 1.5 1.25
8.5
2.7 5
Slide Rotary Encoders
Travel
PC board mounting face Terminal No. 1
0.5 33 19.5
0.35 1.25
1.6
6
3
3
3-o0.7 holes
A Operating force with detent : 2N
Power
R R-1 7
1-pole, 3-positions
Dual-in-line Package Type TACT SwitchTM
25.3 3333
8.5
2.7 5
1.5 1.6 0.35 1.25
1.5 1.25
7
33 ac b Travel
PC board mounting face Terminal No.1
0.5 3 333 25.5
CustomProducts
3
5-o0.7 holes
Operating force with detent :
A a J b 1.5N cJb }
b J a } 2N bJc
2-poles, 2-positions
R R-1 8.5 19.3 1.5 0.35 2.5 6-o0.7 holes 1.6 33 1.5 2.5 7
Small size General Use type Big size General Use type Other Use type
8
2.7 5 3 Travel PC board mounting face Terminal No.1 A Operating force with detent : 2N 0.5 33 19.5
2-poles, 3-positions
3
R R-1
7
8.5
2.7 5
1.5 3 1.6 0.35 2.5
25.3 3333
1.5 2.5
9
33 a bc
Travel
PC board mounting face Terminal No.1
0.5 3 333 25.5
10-o0.7 holes
Operating force with detent :
A aJb c J b } 1.5N
bJa b J c } 2N
141
Slide Switch
8.5(H)mm, 3mm-travel Type
SSSU Series
Circuit Diagram Viewed from Direction A
1-pole, 2-positions
c
1 2 3
1-pole, 3-positions
c c
2-poles, 2-positions
123
2-poles, 3-positions
1 2345
4-poles, 2-positions
1 23 45 6
c
c
c
c
c
12345
Detector
456
Push Slide Rotary Encoders Power
0.05
c
6 7 8 9 !0 c c
7 8 9 !0 !11 !2
c
c
Actuator Configuration
2.5 3 0.3 0.6 0.6 0.6 0.3 0.05
Unit:mm
Dual-in-line Package Type TACT SwitchTM CustomProducts
90
Shape of Frame Leg
Unit:mm
Small size General Use type Big size General Use type Other Use type
0.
2
4-
0.
75
1.5 A
R
2.7
R
Pole - position 1 1 2 2 4
Thickness of PC board t=1.6
A Vertical
19.5 25.5 19.5 25.5 22.5
Horizontal
19.5 25.5 19.5 25.5 22.5
-
2 3 2 3 2
142
Slide Switches
List of Varieties
Series SSAG SSAH SSAD SSSS8 SSSS7 SSSS2 SSSS9 SSSF SSSU SSSB SSST SSAA SSAC SSAB
Photo
Detector Push
Travel mm Outline Actuator specificat direction ions Number of poles W Dimensions mm D H Operating temperature range Rating max. min. Resistive load Electrical performance Mechanical performance Durability Environmental performance Soldering
1.15 9.05
1.5 Horizontal 1 9.5 3 0.9 to 60 6.7 3.2 0.7 11.2 2.6 1.4
1.5 2 Vertical Horizontal Horizontal 1 2 8.8 3 3.5 2 13
2 Vertical Horizontal 1 2 4 14 4.7 5 16.5 7 8.5
3
4 Vertical 2 4 1 13 4.3 3.5
2
1.5
1.9 2 Vertical Horizontal 1 9 4.2 8.5
Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM
Horizontal 1 2 12.4 6 5 2 9.5 5.5 5.2
24.5
29 9 12 to 60
-10 10mA 5V DC
-40 to 85 0.3A 4V DC 0.3A 6V DC 0.1A 12V DC
-10 0.1A 30V DC
1mA 5V DC
0.3A 30V DC 0.1A 12V DC 0.1A 30V DC 1mA 5V DC 0.1A 12V DC
50BA 3V DC 30m max. 25m max. 20m max. 70m max. 25m 100m max. max. 30m max.
CustomProducts
Initial contact 100m 200m max. 70m max. resistance max. Insulation 100M min. 100V DC resistance Voltage 100V AC for 1minute proof Robustness 3N for 1minute of terminal Operating 10N 20N Robustness direction 10N 5N 10N of actuator Pulling Static force direction Operating life without load 10,000cycles 10,000cycles 10,000cycles 100m max. 2 Operating life without 500m max. 300m max. 10,000cycles 200m max. 10,000cycles 130m max. 2 load Load:as rating Cold Dry heat Damp heat Manual soldering Dip soldering Reflow soldering 1-2 1-3 Poles-positions Page 1-4 2-2 2-3 2-4 4-2
112 115 117 119 123 126 40 350 5 3s max. 300 5 5s max. 2 -40 2 for 96h
100M
min. 500V DC
500V AC for 1minute 5N for 1minute 30N 10N 10,000cycles 60m max. 10,000cycles 80m max. -20 85 2 30N Static force 10,000cycles 45m max. 10,000cycles 65m max. 2 for 96h 50N 3N for 1minute 20N 10N 10N
100M min. 100M min. 100V DC 500V DC 500V AC 100V AC for for 1minute 1minute 5N for 1minute 30N 5N 40N 1,000cycles 60m max. 10,000cycles 80m max.
Small size General Use type Big size General Use type Other Use type
10,000cycles 10,000cycles 10,000cycles 40m max. 100m max. 45m max. 10,000cycles 5,000cycles 10,000cycles 10,000cycles 200m max. 60m max. 130m max. 65m max.
for 96h
, 90 to 95%RH for 96h 350 10 3 1s 0 260 10 5 1s 350 10 3s max. 260 5 0 5-1s 300 10 3 10s 260 10 10 1s 300 10 260 10 5 1s 350 10 3 10s 260 5 10 1s
260 5 350 10 300 10 350 10 3s max. 4s max. 5s max. 5s max. 260 5 260 5 0 5-1s 3 1s
Please see P.154
130
135
139
143
146
147
150
152
Note
The operating temperature range for automotive applications can be raised upon request. Please contact us for requirements of this kind.
111


▲Up To Search▲   

 
Price & Availability of SSSU022800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X